Part Number Hot Search : 
21000 21000 HE008 RF3205 S1020L 7C1021 STV6886 E15AP
Product Description
Full Text Search
 

To Download KSQ15A04B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : KSQ15A04B Q15A0 A04B
OULINE DRAWING
FEATURES * Similar to TO-247AC(TO-3P)Case * Low Forward Voltage Drop * Low Power Loss,High Efficiency * High Surge Current Capability * 40 Volts thru 60 Volts Types Available
Maximum Ratings
Rating Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage
Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 5.55g
Symbol VRRM VRSM
IO IF(RMS) IFSM Tjw Tstg Ftor 250 15
KSQ15A04B 40 45 50 Hz half Sine Wave Tc=120C Resistive Load 23.5 50Hz Half Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Junction to Case Symbol Conditions Min. Typ. Max. 15 0.55 2.0 Unit mA V C /W IRM Tj= 25C, VRM= VRRM VFM Tj= 25C, IFM= 15 A Rth(j-c) Junction to Case
KSQ15A04B OUTLINE DRAWING (Dimention in mm)
FORWARD CURRENT VS. VOLTAGE
KSQ15A04/KSQ15A04B
100
INSTANTANEOUS FORWARD CURRENT (A)
50
20 Tj=25C Tj=150C 10
5
2
1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
KSQ15A04/KSQ15A04B
D.C.
16
AVERAGE FORWARD POWER DISSIPATION (W)
14 12 10 8 6 4 2 0 0 4 8 12 16 20
RECT 60
RECT 180 HALF SINE WAVE RECT 120
24
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 500 KSQ15A04/KSQ15A04B
PEAK REVERSE CURRENT (mA)
200
100 0 10 20 30 40
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
KSQ15A04/KSQ15A04B
AVERAGE REVERSE POWER DISSIPATION (W)
16
D.C.
RECT 300
12
RECT 240
8
RECT 180
HALF SINE WAVE
4
0 0 10 20 30 40
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =40 V KSQ15A04/KSQ15A04B
24
D.C.
AVERAGE FORWARD CURRENT (A)
20
RECT 180
16
HALF SINE WAVE RECT 120.
12
RECT 60.
8
4
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 300 KSQ15A04/KSQ15A04B
SURGE FORWARD CURRENT (A)
250
200
150
100
50
0.02s
I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue KSQ15A04/KSQ15A04B
5000
JUNCTION CAPACITANCE (pF)
2000
1000
500
200 0.5 1 2 5 10 20 50
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of KSQ15A04B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X